PART |
Description |
Maker |
ST72F561J9TBS ST72F561J9TBXS ST72F561J9TCS ST72F56 |
8-bit MCU for automotive
|
ST Microelectronics
|
STM8AF6146 STM8AF6166 STM8AF6126 STM8AF6148 STM8AF |
Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
|
STMicroelectronics
|
STM8AQ6X23TAY STM8AQ6X26TAY STM8AQ6X27TAY STM8AQ6X |
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
|
STMicroelectronics
|
ST72215GX-AUTO ST72216GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
SPC564A74L7CFAY SPC564A74B4CFAY SPC564A80B4CFAY SP |
32-bit Power Architecture MCU for Automotive Powertrain Applications
|
ST Microelectronics
|
SPC564L70L3BCOSR SPC564L70L5BBOSR SPC56EL70L5CBOSR |
32-bit Power Architecture MCU for Automotive Chassis and Safety Applications
|
ST Microelectronics
|
ST7L05 ST7L09 ST7FL09Y0MA ST7FL09Y0MB ST7FL05Y0MA |
8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
|
STMicroelectronics
|
SPC560P60L3 |
32-bit Power Architecture? based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
|
STMicroelectronics
|
ST7FL15F1MATRE ST7L15 ST7L19 ST7FL15F1MAE ST7FL15F |
8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
|
STMICROELECTRONICS[STMicroelectronics]
|
ST7FL19F1MAE ST7FL15F1MAE |
8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
|
意法半导
|